inductors wire-wound chip inductors (lb series) LBC2012T470K features item summary 47h(10%), 90ma, 0805 lifecycle stage mass production standard packaging quantity (minimum) taping 3000pcs products characteristics table casesize (eia/jis) 0805/2012 inductance 47h(10%) inductance measuring frequency 2.52mhz rated current 90ma dc resistance (max) 7.54 avg. of dc.resistance 5.8 self-resonant frequency (min) 11mhz rohs compliance yes halogen free yes soldering method reflow external dimensions l 2mm 0.2 w 1.25mm 0.2 h 1.25mm 0.2 e 0.5mm 0.2 2015.03.30 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .
|